PART |
Description |
Maker |
PST993 PST993C PST993D PST993E PST993F PST993G PST |
MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-20V; Continuous Drain Current, Id:-2.2A; On-Resistance, Rds(on):0.1ohm; Rds(on) Test Voltage, Vgs:-4.5V; Package/Case:SOT-23; Leaded Process Compatible:No MOSFET, P, SOT-23; Transistor type:MOSFET; Current, Id cont:2.2A; Resistance, Rds on:0.1R; Voltage, Vgs Rds on measurement:4.5V; Case style:SOT-23 (TO-236); Current, Id max:2.2A; Current, Idm pulse:10A; Marking, SMD:L1; Pins, No. RoHS Compliant: Yes MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:2.1A; On-Resistance, Rds(on):0.085ohm; Rds(on) Test Voltage, Vgs:4.5V; Package/Case:SOT-23; Leaded Process Compatible:No System Reset
|
MITSUMI ELECTRIC CO LTD ETC[ETC] Mitsumi Electronics, Corp.
|
IRFF130 IRFF131 IRFF132 IRFF133 |
N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 60V. Continuous drain current 7.0A. N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 60V. Continuous drain current 8.0A. N-CHANNEL ENHANCEMENT-MODE POWER FIELD-EFFECT TRANSISTORS N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 100V. Continuous drain current 7.0A.
|
General Electric Solid State GE Solid State
|
2SK1612 |
Drain Current ?ID=3A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1171 |
Drain Current ?ID=4A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1603 |
Drain Current ?ID= 2.5A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1602 |
Drain Current ?ID= 2.8A@ TC=25C
|
Inchange Semiconductor ...
|
2SK753 |
Drain Current ?ID=5A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1211 |
Drain Current ?ID=2.5A@ TC=25C
|
Inchange Semiconductor ...
|
2SK987 |
Drain Current ?ID=5A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1463 |
Drain Current ?ID=4.5A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1462 |
Drain Current ?ID=8A@ TC=25C
|
Inchange Semiconductor ...
|
2SK996 |
Drain Current ?ID=4A@ TC=25C
|
Inchange Semiconductor ...
|